PART |
Description |
Maker |
MC145017 |
Ionization Smoke Detector(电离烟雾检测器) Low-Power CMOS Ionlzatlon Smoke Detector IC wite Temporal Pattern Horn Driver MC145017 Ionization Smoke Detector IC with Temporal Pattern Horn Driver
|
Motorola, Inc.
|
IDT723612 IDT723612L30PQF IDT723612L30PF IDT723612 |
BiCMOS SyncBiFIFOO 64 x 36 x 2 64 X 36 BI-DIRECTIONAL FIFO, 12 ns, PQFP132 BiCMOS SyncBiFIFOO 64 x 36 x 2 64 X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP120 BiCMOS SyncBiFIFOO 64 x 36 x 2 64 X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP132 Single Low-Power Operational Amplifier 5-SOT-23 -40 to 85
|
http:// Integrated Device Technology, Inc.
|
FM1233ADS3X FM1233ACS3X FM1233ABAS3X FM1233A FMFFM |
2.72V, Active Low Bi-Directional Precision Reset Generator Circuit 3.08V, Active Low Bi-Directional Precision Reset Generator Circuit 2.88V, Active Low Bi-Directional Precision Reset Generator Circuit 3-Pin C Supervisor Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 3-Pin レC Supervisor Circuit 3-Pin uC Supervisor Circuit 3-Pin μC Supervisor Circuit
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ESD105-B1-02EL |
Low Capacitance & Low Clamping Bi-directional ESD / Transient Protection Diodes
|
Infineon Technologies A...
|
ST1151A |
Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
|
Silicon Touch Technology Inc.
|
ST1152A |
Low-saturation, Low-voltage Bi-directional Motor Driver
|
Silicon Touch Technology Inc.
|
ST1155B |
Low-saturation, Low-voltage Bi-directional Motor Driver
|
Silicon Touch Technology Inc.
|
81130A 81104A 81110A |
Pulse Data Generator, 400/660 MHz / 1.32Gbit/s Pulse Pattern Generator, 80 MHz Pulse Pattern Generator, 165/330 MHz
|
Agilent (Hewlett-Packard)
|
HDC006-DIE HDC064-DIE HDC016-DIE HDC003-DIE HDC008 |
Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 24 Vdc/60 W/2.5 A Replacement Sealed Beams, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 24 Vdc/60 W/2.5 A Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Trapezoid Beam Pattern, 12 Vdc/50 W/4 A Replacement Sealed Beams, 4 in x 6 in [101,6 mm x 152,4 mm], Trapezoid Beam Pattern, 12 Vdc/50 W/4 A Replacement Sealed Beams, 3.5 in x 5 in [76,2 mm x 127,0 mm], Wide Flood Beam Pattern, 12 Vdc/50 W/4 A Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Trapezoid Beam Pattern, 24 Vdc/60 W/2.5 A Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Spot Beam Pattern, 24 Vdc/60 W/2.5 A 专用集成电路 Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 12 Vdc/50 W/4 A 专用集成电路
|
Electronic Theatre Controls, Inc.
|
GTL200003 GTL2000 GTL2000DGG GTL2000DL |
22-bit bi-directional low voltage translator
|
NXP Semiconductors N.V.
|
D5V0L2B3W D5V0L2B3W-7 |
2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
|
Diodes
|
D5V0L4B5S-7 |
4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
|
Diodes
|
|